Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 12Page - Texas Instruments TLV2556MPWREP Datasheet HTML 13Page - Texas Instruments TLV2556MPWREP Datasheet HTML 14Page - Texas Instruments TLV2556MPWREP Datasheet HTML 15Page - Texas Instruments TLV2556MPWREP Datasheet HTML 16Page - Texas Instruments TLV2556MPWREP Datasheet HTML 17Page - Texas Instruments TLV2556MPWREP Datasheet HTML 18Page - Texas Instruments TLV2556MPWREP Datasheet HTML 19Page - Texas Instruments TLV2556MPWREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
−1.5
−1
0.5
1
1.5
Codes
INTEGRAL NONLINEARITY ERROR
vs
CODES
−0.5
0
0
1024
2048
3072
4096
VCC = 5.5 V, VREF+ = 4.096 V, VREF− = 0 V, I/O
CLOCK = 15 MHz, 200 KSPS, TA = 25°C
−0.8
−0.6
−0.4
−0.2
0
−40
25
85
OFFSET ERROR
vs
FREE-AIR-TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF− = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
0
0.05
0.1
0.15
0.2
−40
25
85
GAIN ERROR
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 5.5 V
VREF+ = 4.096 V
VREF− = 0 V
I/O CLOCK = 15 MHz
200 KSPS,
TA = 25°C
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
All typical curves are with internal reference unless specified otherwise. See the TLV2553 data sheet (SLAS354) for typical
curves using an external reference.
Figure 22.
Figure 23.
Figure 24.
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com