Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 18Page - Texas Instruments TLV2556MPWREP Datasheet HTML 19Page - Texas Instruments TLV2556MPWREP Datasheet HTML 20Page - Texas Instruments TLV2556MPWREP Datasheet HTML 21Page - Texas Instruments TLV2556MPWREP Datasheet HTML 22Page - Texas Instruments TLV2556MPWREP Datasheet HTML 23Page - Texas Instruments TLV2556MPWREP Datasheet HTML 24Page - Texas Instruments TLV2556MPWREP Datasheet HTML 25Page - Texas Instruments TLV2556MPWREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Timing Information
DATA OUT
1
2
3
5
4
6
10
11
12
1
I/O CLOCK
Hi−Z State
DATA IN
8
7
9
D7
16
D3
D2
D1
D0
Configure CFGR1
1st Conversion Cycle
CS
First Cycle After Power-Up: Configure CFGR2
Access Cycle
Data Cycle
Invalid Conversion Data
Command 1111
CFGR2 Data
Timing Diagrams
1
2
3
5
4
6
10
11
12
1
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9 LSB+1
LSB
Hi−Z State
2
3
D6
D5
D4
D3
D2
D1
D0
D6
D5
D7
8
7
9
MSB−6 MSB−7
D7
Previous Conversion Data
MSB
MSB
MSB−2
MSB−1
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access
Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
tconv
CS
I/O
CLOCK
DATA
OUT
DATA
IN
EOC
Initialize
Initialize
INT
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 45. Timing for CFGR2 Configuration
The host must configure CFGR2 before valid device conversions can begin. This can be accessed through
command 1111. This can be done using 8, 12, or 16 I/O CLOCK clocks. (A minimum of 8 is required to fully
program CFGR2.)
After CFGR2 is configured, the following cycle configures CFGR1 and a valid sample/conversion is performed.
CS can be held low for each remaining cycle. First valid conversion output data is available on the third cycle
after power up.
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 46. Timing for 12-Clock Transfer Using CS With DATA OUT Set for MSB First
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com