Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 3Page - Texas Instruments TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments TLV2556MPWREP Datasheet HTML 10Page - Texas Instruments TLV2556MPWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
OPERATING CHARACTERISTICS
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
over recommended operating free-air temperature range, VREF+ = 5 V,
SCLK frequency = 15 MHz when VCC = 5 V, VREF+ = 2.5 V,
SCLK frequency = 10 MHz when VCC = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
INL
Integral nonlinearity error(2)
–1
1
LSB
DNL
Differential nonlinearity error
–1
1
LSB
EO
Offset error(3)(4)
–2
2
mV
EG
Gain error(3)(4)
–3
3
mV
ET
Total unadjusted error(5)
±1.5
LSB
Address data input = 1011
2048
Self-test output code(6) (see Table 2)
Address data input = 1100
0
Address data input = 1101
4095
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
(3)
Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).
(4)
Gain error is the difference between the actual mid-step value and the nominal mid-step value in the transfer diagram at the specified
gain point after the offset error has been adjusted to zero. Offset error is the difference between the actual mid-step value and the
nominal mid-step value at the offset point.
(5)
Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
(6)
Both the input address and the output codes are expressed in positive logic.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com