Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 21Page - Texas Instruments TLV2556MPWREP Datasheet HTML 22Page - Texas Instruments TLV2556MPWREP Datasheet HTML 23Page - Texas Instruments TLV2556MPWREP Datasheet HTML 24Page - Texas Instruments TLV2556MPWREP Datasheet HTML 25Page - Texas Instruments TLV2556MPWREP Datasheet HTML 26Page - Texas Instruments TLV2556MPWREP Datasheet HTML 27Page - Texas Instruments TLV2556MPWREP Datasheet HTML 28Page - Texas Instruments TLV2556MPWREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Pad
Zeros
MSB
1
2
3
5
4
6
10
11
12
1
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9 LSB+1
LSB
16
8
7
9
MSB−6 MSB−7
Low Level
MSB
D6
D5
D4
D3
D2
D1
D0
D7
D7
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
Previous Conversion Data
Initialize
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
INT
tconv
Initialize
DATA OUT
1
2
3
5
4
6
10
11
12
1
I/O CLOCK
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9 LSB+1
LSB
Hi−Z State
DATA IN
8
7
9
MSB−6 MSB−7
D7
MSB
MSB
16
EOC
Initialize
Initialize
Shift in New Multiplexer Address, Simultaneously
Shift Out Previous Conversion Result
Access Cycle
Sample Cycle
CS
Previous Conversion Data
Pad Zeros
Channel
Address
Output Data
Format
A/D Conversion Interval
tconv
DATA IN Can be Tied or Held High
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
PARAMETER MEASUREMENT INFORMATION (continued)
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 51. Timing for 16-Clock Transfer Not Using CS With DATA OUT Set for MSB First
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 52. Timing for Default Mode Using CS: (16-Clock Transfer, MSB First, External Reference, Pin 19 =
EOC, Input = AIN0)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com