Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 8Page - STMicroelectronics L99PD08 Datasheet HTML 9Page - STMicroelectronics L99PD08 Datasheet HTML 10Page - STMicroelectronics L99PD08 Datasheet HTML 11Page - STMicroelectronics L99PD08 Datasheet HTML 12Page - STMicroelectronics L99PD08 Datasheet HTML 13Page - STMicroelectronics L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Device mode
L99PD08
12/41
Doc ID 15872 Rev 3
3
Device mode
Note:
To leave FAIL SAVE the LHOMEN-bit in ControlRegister (Addr.: hex00, Bit 0) has to be set
to ‘1’. FAIL SAVE is reentered by either ChipSelectNot-TimeOut (CSNTO) or SW-Reset (in
both cases LHOME-bit is automatically reset) or setting this bit to ‘0’ via SPI access.
To stay in normal mode a rising edge has to be generated at CSN within every timeframe
programmed in the control register (Addr.: hex00, Bit 3,2). Else a CSNTO is detected and
FAIL SAVE entered.
When SDI is stuck to GND the device enters automatically FAIL SAVE.
When SDI is stuck to logical high level then the device receives a SW-Reset and enters FAIL
SAVE. A read of ROM address Addr.: hex3F is detected as stuck to logical high level.
In FAIL SAVE the SYNC pin is logical high.
Table 3.
Device modes
Mode
Source
Actions
CS-timer
SPI state
Outputs
state
ChipReset-
bit
LHOMEN
Power down
Low VCORE3
All registers
are cleared
Not active
No comm.
High-Z
fail safe
1LOW(1)
Standby
EN = ‘0’
All registers
are cleared
Not active
No comm.
High-Z
fail safe
1LOW(1)
Fail save
CSNTO(2) /
LHOMEN bit =‘0’
-
Active
Active
High-Z
fail safe
0
LOW(1)
SW reset
All registers
are cleared
1
Normal
LHOMEN-bit = ‘1’
-
Active
Active
Normal
0
VDDIO
1. Max. sink current can only be guaranteed for VCORE3 VCORE3min. Therefore an external pull down is recommended.
2. ChipSelectNot-TimeOut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com