Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 10Page - STMicroelectronics L99PD08 Datasheet HTML 11Page - STMicroelectronics L99PD08 Datasheet HTML 12Page - STMicroelectronics L99PD08 Datasheet HTML 13Page - STMicroelectronics L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Absolute maximum ratings
L99PD08
14/41
Doc ID 15872 Rev 3
4
Absolute maximum ratings
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit.
4.1
ESD protection
Note:
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A HBM with all
unzapped pins grounded
4.2
Operating junction temperature
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCORE3
Stabilized supply voltage
-0.3 to 3.6
V
VDDIO
Stabilized supply voltage
-0.3 to 5.5
V
EN, SCK, DI,
CSN, CLK_INx
/ DO, SYNC,
LHOMEN
Digital input / output voltage
-0.3 to VDDIO +
0.3
V
OUT 1-8,
FAULTN
Output current (open drain)
10
mA
MUX ST/CS
Output current
1
mA
ST/CS 1-8
Input current
10
mA
ST/CS 1-8
Input Voltage
-14 to 6.5
V
Table 5.
ESD protection
Parameter
Value
Unit
All pins
±2kV
Table 6.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
operating junction temperature
-40 to 150
°C
Rthmax
90
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com