Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 13Page - STMicroelectronics L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics L99PD08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
L99PD08
Electrical characteristics
Doc ID 15872 Rev 3
17/41
Figure 5.
CS pin timing
Figure 6.
ST pin timing
tCS_OFF
tCS_filter
tCS_filter
tTD_SENSE
CS-pin filter and blank timings : BLK_TIME (CHx-1;CHx-0) = „00“ Addr hex07,hex08
Diagnosis in
on-state blanked
Diagnosis in
on-state enabled
Short to battery
enabled
Short to battery
blanked
tON-OFF_trans
ttrans_valid
tOFF-state
tST_filter
tST_filter
tON-state
ST-pin filter and blank timings : BLK_TIME (CHx-1;CHx-0) = „00“ Addr hex07,hex08
Diagnosis in
on-state blanked
Diagnosis in
on-state enabled
OL/OT
discrimination
Diagnosis
blanked
Short to battery
enabled
Short to battery
blanked
Table 12.
MUX_ST/CS output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOUT1mA
Current mode output saturation
voltage
IOUT = 1 mA,
VCORE3 = 3.3 V
3.0
-
-
V
VOUT3mA
Current mode output saturation
voltage
IOUT = 3 mA,
VCORE3 = 3.3 V
2.7
-
-
V
VOUT5mA
Current mode output saturation
voltage
IOUT = 5 mA,
VCORE3 = 3.3 V
2.6
-
-
V
VOUT1mA
Voltage mode output saturation
voltage
IOUT = 1 mA,
VCORE3 = 3.3 V
3.1
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com