Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics L99PD08 Datasheet HTML 21Page - STMicroelectronics L99PD08 Datasheet HTML 22Page - STMicroelectronics L99PD08 Datasheet HTML 23Page - STMicroelectronics L99PD08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Electrical characteristics
L99PD08
20/41
Doc ID 15872 Rev 3
Figure 7.
MUX_ST/CS ratio
k1_11
current MUX_ST/CS ratio
@ ICS = 1.02 mA
CFL = 1, OLOVL[1,0] = 1,1
1.50
1.67
1.80
-
current MUX_ST/CS ratio
@ ICS = 70% * 1.02 mA
1.50
1.67
1.80
-
current MUX_ST/CS ratio
@ ICS = 35% * 1.02 mA
1.50
1.67
1.80
-
current MUX_ST/CS ratio
@ ICS = 5% * 1.02 mA
1.50
1.67
1.80
-
current MUX_ST/CS ratio
@ ICS = 5 µA
1.25
1.67
1.90
-
Table 13.
Current MUX_ST/CS ratio (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Current MUX_ST/CS Ratio:
Kx_xx
ICS
70%
ICS_ref
35%
ICS_ref
5%
ICS_ref
ICS
=5µA
Kx_xx max
Kx_xx min
Kx_xx typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com