Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 23Page - STMicroelectronics L99PD08 Datasheet HTML 24Page - STMicroelectronics L99PD08 Datasheet HTML 25Page - STMicroelectronics L99PD08 Datasheet HTML 26Page - STMicroelectronics L99PD08 Datasheet HTML 27Page - STMicroelectronics L99PD08 Datasheet HTML 28Page - STMicroelectronics L99PD08 Datasheet HTML 29Page - STMicroelectronics L99PD08 Datasheet HTML 30Page - STMicroelectronics L99PD08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
L99PD08
SPI
Doc ID 15872 Rev 3
27/41
Figure 10.
SDO status
Note:
In case of a status change during an SPI transmission this status will not be read and
therefore not cleared in case of a clear command.
Due to the internal mechanism of loading the status data into the shift register a possible
inconsistency between the GlobalErrorRegister and the read StatusRegister can occur. In
this case, the data in the Status Register is always the more actual data.
No (chip reset or
communication error)
Active low
Activated by all internal reset events which
change the device state or configuration
registers (e.g. software reset, VCORE3
undervoltage, etc.). This bit is initially '0' and will
be set to '1' by a valid SPI communication to any
register.
Over temp/ over load
Active high
Set when over temp and/or over load failure is
detected by the diagnosis function
n/a
0
Not implemented
Open-load
Active high
Set when open-load failure is detected by the
diagnosis function
STK_ON
Active high
Set when SHORT TO BATTERY is detected by
the diagnosis function (OFF state diagnosis)
Fail save
Active high
Indicates if the device is in FAIL SAVE (defined
state)
Table 22.
Global status byte: description (continued)
Name
Polarity
Comment
CSN
SCK
SDI
SDO
CSN high to low and SCK stays low: status information of data bit 0 (fault condition) is transfered to SDO
time
time
time
time
SDI: data is not accepted
SDO: status information of data bit 0 (Global Error Flag) will stay as long CSN is low
GEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com