Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 29Page - STMicroelectronics L99PD08 Datasheet HTML 30Page - STMicroelectronics L99PD08 Datasheet HTML 31Page - STMicroelectronics L99PD08 Datasheet HTML 32Page - STMicroelectronics L99PD08 Datasheet HTML 33Page - STMicroelectronics L99PD08 Datasheet HTML 34Page - STMicroelectronics L99PD08 Datasheet HTML 35Page - STMicroelectronics L99PD08 Datasheet HTML 36Page - STMicroelectronics L99PD08 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
L99PD08
SPI
Doc ID 15872 Rev 3
33/41
The variable gain of Current sense feedback ratio for ST/CS channels (ST0/CS0 …
ST7/CS7). It is applied between the ST/CSx input signal current and both, internal
diagnostics and MUX_CS/ST signal current.
CFR 0
the gain of current sense signal to internal current comparator is 1:10 (default)
1
the gain of current sense signal to internal current comparator is 1:1
Table 36.
OLOVL_TH_1 register, hex0B (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7-1
CH7-0
CH6-1
CH6-0
CH5-1
CH5-0
CH4-1
CH4-0
Open-load threshold values for ST/CS channels (ST4/CS4 … ST7/CS7).
CH 1,0 0 x
50 µA(CFL=0), 5 µA(CFL=1) (default)
1 0
100 µA(CFL=0), 10 µA(CFL=1)
1 1
400 µA(CFL=0), 40 µA(CFL=1)
Overload threshold values for ST/CS channels (ST4/CS4 … ST7/CS7).
CH 1,0 0 0
1.2 mA(CFL=0), 120 µA(CFL=1) (default)
0 1
2.4 mA(CFL=0), 240 µA(CFL=1)
1 0
3.6 mA(CFL=0), 360 µA(CFL=1)
1 1
6.0 mA(CFL=0), 600 µA(CFL=1)
Table 37.
OLOVL_TH_2 register, hex0C (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH3-1
CH3-0
CH2-1
CH2-0
CH1-1
CH1-0
CH0-1
CH0-0
Open-load threshold values for ST/CS channels (ST0/CS0 … ST3/CS3).
CH 1,0 0 x
50 µA(CFL=0), 5 µA(CFL=1) (default)
1 0
100 µA(CFL=0), 10 µA(CFL=1)
1 1
400 µA(CFL=0), 40 µA(CFL=1)
Overload threshold values for ST/CS channels (ST0/CS0 … ST3/CS3).
CH 1,0 0 0
1.2 mA(CFL=0), 120 µA(CFL=1) (default)
0 1
2.4 mA(CFL=0), 240 µA(CFL=1)
1 0
3.6 mA(CFL=0), 360 µA(CFL=1)
1 1
6.0 mA(CFL=0), 600 µA(CFL=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com