Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PD08 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics L99PD08 Datasheet HTML 21Page - STMicroelectronics L99PD08 Datasheet HTML 22Page - STMicroelectronics L99PD08 Datasheet HTML 23Page - STMicroelectronics L99PD08 Datasheet HTML 24Page - STMicroelectronics L99PD08 Datasheet HTML 25Page - STMicroelectronics L99PD08 Datasheet HTML 26Page - STMicroelectronics L99PD08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
L99PD08
SPI
Doc ID 15872 Rev 3
23/41
6.1
SPI timing parameter definition
Figure 8.
SPI timing diagram
6.2
Functional description of the SPI
This device uses a 16 bit SPI slave protocol structured according to the ST SPI Standard to
communicate with a microcontroller.
tHCSN
Minimum CSN high time
5
µs
tSSCK
SCK setup time before NCS
rising
50
ns
Table 17.
Dynamic characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
CSN
SDO
Data out
tCSNQT
tSCKQV
SCK
Data out
tHSCK
tLSCK
tSCSN
tHCSN
Data in
Data in
tSSDI
SDI
tCSNQV
tSSCK
Table 18.
CSN timeout/CLK_INx timings
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tCSN_TIMEOUT
CSN timeout 50ms
50
72
ms
CSN timeout 100ms
100
145
ms
CSN timeout 200ms
200
285
ms
CSN timeout 400ms
400
570
ms
fFAIL
CLK_INx fail detected
4.8
5.0
6.2
kHz
fOK_
CLK_INx ok detected
5.2
7.0
9.2
kHz
fCLK_INx
CLK_INx frequency range
102.4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com