Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS752IPW Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 14Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 15Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 16Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 17Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 18Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 19Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 20Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 21Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
18 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
Table 8.
Baud rates using a 3.072 MHz crystal
Desired baud rate
(bit/s)
Divisor used to generate
16
× clock
Percent error difference
between desired and actual
50
2304
0
75
2560
0
110
1745
0.026
134.5
1428
0.034
150
1280
0
300
640
0
600
320
0
1200
160
0
1800
107
0.312
2000
96
0
2400
80
0
3600
53
0.628
4800
40
0
7200
27
1.23
9600
20
0
19200
10
0
38400
5
0
Fig 11. Crystal oscillator circuit reference
002aab325
C2
33 pF
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com