Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS752IPW Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 31Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 32Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 33Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 34Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 35Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
32 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.19 Extra Features Control Register (EFCR)
[1]
For SC16IS762 only.
8.20 Division registers (DLL, DLH)
These are two 8-bit registers which store the 16-bit divisor for generation of the baud clock
in the baud rate generator. DLH stores the most significant part of the divisor. DLL stores
the least significant part of the divisor.
Note that DLL and DLH can only be written to before Sleep mode is enabled (before
IER[4] is set).
Table 30.
Extra Features Control Register bits description
Bit
Symbol
Description
7
IRDA MODE
IrDA mode.
0 = IrDA SIR, 3
⁄
16 pulse ratio, data rate up to 115.2 kbit/s
1 = IrDA SIR, 1
⁄
4 pulse ratio, data rate up to 1.152 Mbit/s
[1]
6
-
reserved
5
RTSINVER
Invert RTS signal in RS-485 mode.
0: RTS = 0 during transmission and RTS = 1 during reception
1: RTS = 1 during transmission and RTS = 0 during reception
4
RTSCON
Enable the transmitter to control the RTS pin.
0: transmitter does not control RTS pin
1: transmitter controls RTS pin
3
-
reserved
2
TXDISABLE
Disable transmitter. UART does not send serial data out on the
transmit pin, but the transmit FIFO will continue to receive data from
host until full. Any data in the TSR will be sent out before the
transmitter goes into disable state.
0: transmitter is enabled
1: transmitter is disabled
1
RXDISABLE
Disable receiver. UART will stop receiving data immediately once this
bit is set to 1, and any data in the TSR will be sent to the receive FIFO.
User is advised not to set this bit during receiving.
0: receiver is enabled
1: receiver is disabled
0
9-BIT MODE
Enable 9-bit or Multidrop mode (RS-485).
0: normal RS-232 mode
1: enables RS-485 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com