Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS752IPW Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 38Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 39Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 40Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 41Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 42Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 43Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 44Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 45Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
42 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
12. Limiting values
[1]
5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present.
4.6 V steady state voltage tolerance on inputs and outputs when no supply voltage is present.
Table 34.
Register address byte (SPI)
Bit
Name
Function
7R/W
Read/write.
1 = read from UART
0 = write to UART
6:3
A[3:0]
UART’s internal register select
2:1
CH1, CH0
Channel select.
00 = channel A
01 = channel B
10 = reserved
11 = reserved
0
-
not used
Table 35.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+4.6
V
VI
input voltage
any input
−0.3
+5.5[1]
V
II
input current
any input
−10
+10
mA
IO
output current
any output
−10
+10
mA
Ptot
total power dissipation
-
300
mW
P/out
power dissipation per
output
-50
mW
Tamb
ambient temperature
operating
VDD = 2.5 V ± 0.2 V
−40
+85
°C
VDD = 3.3 V ± 0.3 V
−40
+95
°C
Tj
junction temperature
operating
-
+125
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com