| Electronic Components Datasheet Search |
|
SC16IS752IPW Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS752IPW Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 59 page ![]() SC16IS752_SC16IS762_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 19 May 2008 22 of 59 NXP Semiconductors SC16IS752/SC16IS762 Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR 8.1 Receive Holding Register (RHR) The receiver section consists of the Receive Holding Register (RHR) and the Receive Shift Register (RSR). The RHR is actually a 64-byte FIFO. The RSR receives serial data from the RX terminal. The data is converted to parallel data and moved to the RHR. The receiver section is controlled by the Line Control Register. If the FIFO is disabled, location zero of the FIFO is used to store the characters. 8.2 Transmit Holding Register (THR) The transmitter section consists of the Transmit Holding Register (THR) and the Transmit Shift Register (TSR). The THR is actually a 64-byte FIFO. The THR receives data and shifts it into the TSR, where it is converted to serial data and moved out on the TX terminal. If the FIFO is disabled, location zero of the FIFO is used to store the byte. Characters are lost if overflow occurs. 8.3 Interrupt Enable Register (IER) The Interrupt Enable Register (IER) enables each of the six types of interrupt, receiver error, RHR interrupt, THR interrupt, Modem Status, Xoff received, or CTS/RTS change of state from LOW to HIGH. The IRQ output signal is activated in response to interrupt generation. Table 11 shows Interrupt Enable Register bit settings. Table 11. Interrupt Enable Register bits description Bit Symbol Description 7 IER[7][1] CTS interrupt enable. logic 0 = disable the CTS interrupt (normal default condition) logic 1 = enable the CTS interrupt 6 IER[6][1] RTS interrupt enable. logic 0 = disable the RTS interrupt (normal default condition) logic 1 = enable the RTS interrupt 5 IER[5][1] Xoff interrupt. logic 0 = disable the Xoff interrupt (normal default condition) logic 1 = enable the Xoff interrupt 4 IER[4][1] Sleep mode. logic 0 = disable Sleep mode (normal default condition) logic 1 = enable Sleep mode. See Section 7.6 “Sleep mode” for details. 3 IER[3] Modem Status interrupt. logic 0 = disable the Modem Status Register interrupt (normal default condition) logic 1 = enable the Modem Status Register interrupt Remark: See IOControl register bit 1 or bit 2 (in Table 29) for the description of how to program the pins as modem pins. 2 IER[2] Receive Line Status interrupt. logic 0 = disable the receiver line status interrupt (normal default condition) logic 1 = enable the receiver line status interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |