Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16IS752IPW Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 22Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 23Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 25Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
26 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.7 Modem Control Register (MCR)
The MCR controls the interface with the mode, data set, or peripheral device that is
emulating the modem. Table 19 shows Modem Control Register bit settings.
[1]
MCR[7:5] and MCR[2] can only be modified when EFR[4] is set, that is, EFR[4] is a write enable.
Table 19.
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7][1]
Clock divisor.
logic 0 = divide-by-1 clock input
logic 1 = divide-by-4 clock input
6
MCR[6][1]
IrDA mode enable.
logic 0 = normal UART mode
logic 1 = IrDA mode
5
MCR[5][1]
Xon Any.
logic 0 = disable Xon Any function
logic 1 = enable Xon Any function
4
MCR[4]
Enable loopback.
logic 0 = normal operating mode
logic 1 = enable local Loopback mode (internal). In this mode the
MCR[1:0] signals are looped back into MSR[4:5] and the TX output is
looped back to the RX input internally.
3
MCR[3]
reserved
2
MCR[2]
TCR and TLR enable.
logic 0 = disable the TCR and TLR register
logic 1 = enable the TCR and TLR register
1
MCR[1]
RTS
logic 0 = force RTS output to inactive (HIGH)
logic 1 = force RTS output to active (LOW). In Loopback mode,
controls MSR[4]. If Auto-RTS is enabled, the RTS output is controlled
by hardware flow control.
0
MCR[0]
DTR. If GPIO5 or GPIO1 is selected as DTR modem pin through
IOControl register bit 1 or bit 2, the state of DTR pin can be controlled as
below. Writing to IOState bit 5 or bit 1 will not have any effect on the DTR
pin.
logic 0 = force DTR output to inactive (HIGH)
logic 1 = force DTR output to active (LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com