Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9983BHW/15/C1 Datasheet HTML 1Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 2Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 3Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 4Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 5Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 6Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 7Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 8Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
2 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
I Hard reset
3.
Applications
I DVD players and recorders
I Set-Top Box (STB)
I AV receivers and amplifiers (repeater)
I Camcorders
I Digital still cameras
I Media players
I PVRs
I Media centers PCs, graphics add-in boards, notebook PCs
I Switches
4.
Quick reference data
Table 1.
Quick reference data
VDDA(FRO_3V3) = 3.0 V to 3.6 V; VDDA(PLL_3V3) = 3.0 V to 3.6 V; VDDH(3V3) = 3.0 V to 3.6 V;
VDDD(3V3) = 3.0 V to 3.6 V; VDDC(1V8) = 1.65 V to 1.95 V; VPP = 0 V; Tamb = 0 °C to 70 °C.
Typical values are measured at VDDA(FRO_3V3) = VDDA(PLL_3V3) = VDDH(3V3) = VDDD(3V3) = 3.3 V;
VDDC(1V8) = 1.8 V; VPP = 0 V and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TDA9983BHW/8 and TDA9983BHW/15
VDDA(FRO_3V3)
free running oscillator 3.3 V
analog supply voltage
3.0
3.3
3.6
V
VDDA(PLL_3V3)
PLL 3.3 V analog supply
voltage
3.0
3.3
3.6
V
VDDD(3V3)
digital supply voltage (3.3 V)
[1] 3.0
3.3
3.6
V
VDDH(3V3)
HDMI supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDC(1V8)
core supply voltage (1.8 V)
[1] 1.65
1.8
1.95
V
Tamb
ambient temperature
0
-
70
°C
TDA9983BHW/8; up to 81 MHz
fclk(max)
maximum clock frequency
[2] 81
-
-
MHz
Pcons
power consumption
[2] -
322
-
mW
worst case
[3] -
338
503
mW
Ptot
total power dissipation
[2] -
458
-
mW
worst case
[3] -
472
651
mW
Ppd
power dissipation in
power-down mode
-
13.5
38.4
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com