Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 37Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 38Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 39Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 41Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 43Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 44Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
41 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
1 to 0
INTPOL[1:0]
W
interpolation
00*
bypass (from 4 :4:4 to 4:4:4)
01
intpol_by_2 (from 4:2:2 to 4:4: 4); copy
sample
10
intpol_by_2 (from 4:2:2 to 4:4: 4); linear
interpolation ([1 2 1] / 2 filter)
11
undefined
Table 46.
HVF_CNTRL_1 register (address E5h) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7
x
W
0*
undefined
6
SEMI_PLANAR
W
semi-planar
0
4 : 4 : 4 at the input of the vrf-module
1
4 : 2 : 2 at the input of the vrf-module
5 to 4
PAD[1:0]
W
pad
00*
12-bit data path
01
8-bit data path; 4 LSBs set to 0000
10
10-bit data path; 2 LSBs set to 00
11
10-bit data path; 2 LSBs set to 00
3 to 2
VQR[1:0]
W
video quantization range
00*
full-scale
01
RGB/YUV (max. 235 to min. 16)
10
Y (max. 235 to min. 16);
U (max. 240 to min. 16);
V (max. 240 to min. 16)
11
Y (max. 235 to min. 16);
U (max. 240 to min. 16);
V (max. 240 to min. 16)
1
YUVBLK
W
YUV blank
0*
UV blank level = 16
1
UV blank level = 0
0
FOR
W
formatter
0*
transparent formatter (4 : 4 : 4 or 4 :2:2
unprocessed)
1
4 : 2 : 2 output format (4 : 4 : 4 to 4:2:2
conversion active)
Table 45.
HVF_CNTRL_0 register (address E4h) bit description …continued
Legend: * = default value
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com