Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 35Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 36Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 37Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 38Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 39Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 41Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
39 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
Table 41.
TBG_CNTRL_0 register (address CAh) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7
SYNC_ONCE
W
sync once
0*
line/pixel counters are synchronized each
frame
1
line/pixel counters are synchronized only
once
6
SYNC_MTHD
W
sync method
0*
synchronization is based on combination
of v and h
1
synchronization is based on combination
of v and x (de)
5
FRAME_DIS
W
frame disable: synchronized by linecnt = 1
AND pixelcnt = 1
0*
enable video frames
1
disable video frames
4 to 0
x
W
0 0000*
undefined
Table 42.
TBG_CNTRL_1 register (address CBh) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7
x
W
0*
undefined
6
DWIN_DIS
W
data island window disable
0*
data island window active
1
data island window disabled
5
VHX_EXT[2]
W
vhx_ext 2: bit 2
0*
vs = vs_tbg (internal)
1
vs = v_vip (external)
4
VHX_EXT[1]
W
vhx_ext 1: bit 1
0*
hs = hs_tbg (internal)
1
hs = h_vip (external)
3
VHX_EXT[0]
W
vhx_ext 0: bit 0
0*
de = de_tbg (internal)
1
de = x_vip (external)
2
VH_TGL[2]
W
vh_tgl 2: bit 2
0*
vs/hs-polarity is determined by
vidformat_table
1
vs/hs-polarity depends on VH_TGL[1:0]
1
VH_TGL[1]
W
vh_tgl 1: bit 1
0*
no specific action
1
toggle vs (only when VH_TGL[2] = 1)
0
VH_TGL[0]
W
vh_tgl 0: bit 0
0*
no specific action
1
toggle hs (only when VH_TGL[2] = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com