Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9983BHW/15/C1 Datasheet HTML 1Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 2Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 3Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 4Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 5Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 6Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 7Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 8Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
1.
General description
The TDA9983B is an HDMI transmitter (which also supports DVI) that enables a 3
× 8-bit
RGB or YCBCR video stream (with a pixel rate up to 150 MHz for the TDA9983BHW/15
version), up to 4 I2S-bus audio streams (with an audio sampling rate up to 192 kHz) and
the additional information required by all the HDMI 1.2a standards.
A programmable upscaling block enables a 720p/1080i output from a standard definition
input. An intrafield deinterlacer is included in the scaler.
In order to be compatible with most applications, the TDA9983B integrates a full
programmable input formatter and color space conversion block. The video input formats
accepted are YCBCR 4 : 4 : 4 (up to 3 × 8-bit), YCBCR 4:2:2 semi-planar (up to
2
× 12-bit), YC
BCR 4 : 2 : 2 compliant with ITU656 and ITU656-like (up to 1 × 12-bit).
For ITU656-like formats, double edges are supported so that data can be sampled on
rising and falling edges.
The device can be controlled via an I2C-bus interface.
2.
Features
I 3 × 8-bit video data input bus, CMOS and LV-TTL compatible
I Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs or
VREF, HREF and FREF could be used for input data synchronization
I Pixel rate clock input can be made active on one or both edges (selectable by I2C-bus)
I The TDA9983B has 4 I2S-bus audio input channels and 1 S/PDIF channel; audio
sampling rate up to 192 kHz
I 250 MHz to 1.50 GHz HDMI transmitter operation
I Programmable input formatter and upsampler/interpolator allows input of any of the
4:4:4, 4:2:2 semi-planar, 4:2:2 ITU656 and ITU656-like formats
I Programmable color space converter:
N RGB to YCBCR
N YCBCR to RGB
I The upscaler enables a 720p/1080i output from a standard definition input using
intelligent edge interpolation
I Controllable via I2C-bus
I Low power dissipation
I 1.8 V and 3.3 V power supplies
I Power-down mode
TDA9983B
HDMI transmitter up to 150 MHz pixel rate with 3
× 8-bit video
inputs and 4
× I2S-bus with S/PDIF
Rev. 01 — 20 May 2008
Product data sheet


Similar Part No. - TDA9983BHW/15/C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Similar Description - TDA9983BHW/15/C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com