Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 47Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 48Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 49Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 50Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 51Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 52Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 53Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 54Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
51 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
Table 59.
SC_VS_LUT_xx registers (address 1Bh to 47h) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value Description
1Bh
SC_VS_LUT_0
7 to 0
VS_LUT0[7:0]
W
-
vertical scaler LUT 0: external LUT
coefficient[0] for vertical scaler
1Ch
SC_VS_LUT_1
7 to 0
VS_LUT1[7:0]
W
-
vertical scaler LUT 1: external LUT
coefficient[1] for vertical scaler
1Dh
SC_VS_LUT_2
7 to 0
VS_LUT2[7:0]
W
-
vertical scaler LUT 2: external LUT
coefficient[2] for vertical scaler
1Eh
SC_VS_LUT_3
7 to 0
VS_LUT3[7:0]
W
-
vertical scaler LUT 3: external LUT
coefficient[3] for vertical scaler
1Fh
SC_VS_LUT_4
7 to 0
VS_LUT4[7:0]
W
-
vertical scaler LUT 4: external LUT
coefficient[4] for vertical scaler
20h
SC_VS_LUT_5
7 to 0
VS_LUT5[7:0]
W
-
vertical scaler LUT 5: external LUT
coefficient[5] for vertical scaler
21h
SC_VS_LUT_6
7 to 0
VS_LUT6[7:0]
W
-
vertical scaler LUT 6: external LUT
coefficient[6] for vertical scaler
22h
SC_VS_LUT_7
7 to 0
VS_LUT7[7:0]
W
-
vertical scaler LUT 7: external LUT
coefficient[7] for vertical scaler
23h
SC_VS_LUT_8
7 to 0
VS_LUT8[7:0]
W
-
vertical scaler LUT 8: external LUT
coefficient[8] for vertical scaler
24h
SC_VS_LUT_9
7 to 0
VS_LUT9[7:0]
W
-
vertical scaler LUT 9: external LUT
coefficient[9] for vertical scaler
25h
SC_VS_LUT_10
7 to 0
VS_LUT10[7:0]
W
-
vertical scaler LUT 10: external LUT
coefficient[10] for vertical scaler
26h
SC_VS_LUT_11
7 to 0
VS_LUT11[7:0]
W
-
vertical scaler LUT 11: external LUT
coefficient[11] for vertical scaler
27h
SC_VS_LUT_12
7 to 0
VS_LUT12[7:0]
W
-
vertical scaler LUT 12: external LUT
coefficient[12] for vertical scaler
28h
SC_VS_LUT_13
7 to 0
VS_LUT13[7:0]
W
-
vertical scaler LUT 13: external LUT
coefficient[13] for vertical scaler
29h
SC_VS_LUT_14
7 to 0
VS_LUT14[7:0]
W
-
vertical scaler LUT 14: external LUT
coefficient[14] for vertical scaler
2Ah
SC_VS_LUT_15
7 to 0
VS_LUT15[7:0]
W
-
vertical scaler LUT 15: external LUT
coefficient[15] for vertical scaler
2Bh
SC_VS_LUT_16
7 to 0
VS_LUT16[7:0]
W
-
vertical scaler LUT 16: external LUT
coefficient[16] for vertical scaler
2Ch
SC_VS_LUT_17
7 to 0
VS_LUT17[7:0]
W
-
vertical scaler LUT 17: external LUT
coefficient[17] for vertical scaler
2Dh
SC_VS_LUT_18
7 to 0
VS_LUT18[7:0]
W
-
vertical scaler LUT 18: external LUT
coefficient[18] for vertical scaler
2Eh
SC_VS_LUT_19
7 to 0
VS_LUT19[7:0]
W
-
vertical scaler LUT 19: external LUT
coefficient[19] for vertical scaler
2Fh
SC_VS_LUT_20
7 to 0
VS_LUT20[7:0]
W
-
vertical scaler LUT 20: external LUT
coefficient[20] for vertical scaler
30h
SC_VS_LUT_21
7 to 0
VS_LUT21[7:0]
W
-
vertical scaler LUT 21: external LUT
coefficient[21] for vertical scaler
31h
SC_VS_LUT_22
7 to 0
VS_LUT22[7:0]
W
-
vertical scaler LUT 22: external LUT
coefficient[22] for vertical scaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com