Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 74Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 75Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 76Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 77Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 78Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 79Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 80Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 81Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
78 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
86h
AUD_IF_BYTE3
7 to 0 AUD_IF_BYTE3[7:0]
R/W
00h*
audio InfoFrame data byte 3:
value
× 8 kHz = maximum bit rate
of audio stream (compressed
audio format)
87h
AUD_IF_BYTE4
7 to 0 AUD_IF_CA[7:0]
R/W
00h*
audio InfoFrame channel
allocation: channel allocation
(LPCM)
88h
AUD_IF_BYTE5
7
AUD_IF_DM_INH
R/W
audio InfoFrame down-mix
inhibit flag: down-mix inhibit flag
0*
permitted or no information
about any assertion of this
1
prohibited
6 to 3 AUD_IF_LSV[3:0]
R/W
audio InfoFrame level shift
value: level shift value
0000*
0 dB
0001
1 dB
0010
2 dB
0011
3 dB
1000
4 dB
::
1111
15 dB
2 to 0 reserved
R/W
000*
reserved (shall be 000h)
audio InfoFrame data byte x:
x = 6 to 27
89h
AUD_IF_BYTE6
7 to 0 AUD_IF_BYTE6[7:0]
R/W
00h*
byte 6: reserved (shall be zero)
8Ah
AUD_IF_BYTE7
6 to 0 AUD_IF_BYTE7[7:0]
R/W
00h*
byte 7: reserved (shall be zero)
8Bh
AUD_IF_BYTE8
6 to 0 AUD_IF_BYTE8[7:0]
R/W
00h*
byte 8: reserved (shall be zero)
8Ch
AUD_IF_BYTE9
6 to 0 AUD_IF_BYTE9[7:0]
R/W
00h*
byte 9: reserved (shall be zero)
8Dh
AUD_IF_BYTE10
7 to 0 AUD_IF_BYTE10[7:0]
R/W
00h*
byte 10: reserved (shall be zero)
8Eh
AUD_IF_BYTE11
7 to 0 AUD_IF_BYTE11[7:0]
R/W
00h*
byte 11: reserved (shall be zero)
8Fh
AUD_IF_BYTE12
7 to 0 AUD_IF_BYTE12[7:0]
R/W
00h*
byte 12: reserved (shall be zero)
90h
AUD_IF_BYTE13
7 to 0 AUD_IF_BYTE13[7:0]
R/W
00h*
byte 13: reserved (shall be zero)
91h
AUD_IF_BYTE14
7 to 0 AUD_IF_BYTE14[7:0]
R/W
00h*
byte 14: reserved (shall be zero)
92h
AUD_IF_BYTE15
7 to 0 AUD_IF_BYTE15[7:0]
R/W
00h*
byte 15: reserved (shall be zero)
93h
AUD_IF_BYTE16
7 to 0 AUD_IF_BYTE16[7:0]
R/W
00h*
byte 16: reserved (shall be zero)
94h
AUD_IF_BYTE17
7 to 0 AUD_IF_BYTE17[7:0]
R/W
00h*
byte 17: reserved (shall be zero)
95h
AUD_IF_BYTE18
7 to 0 AUD_IF_BYTE18[7:0]
R/W
00h*
byte 18: reserved (shall be zero)
96h
AUD_IF_BYTE19
7 to 0 AUD_IF_BYTE19[7:0]
R/W
00h*
byte 19: reserved (shall be zero)
97h
AUD_IF_BYTE20
7 to 0 AUD_IF_BYTE20[7:0]
R/W
00h*
byte 20: reserved (shall be zero)
98h
AUD_IF_BYTE21
7 to 0 AUD_IF_BYTE21[7:0]
R/W
00h*
byte 21: reserved (shall be zero)
99h
AUD_IF_BYTE22
7 to 0 AUD_IF_BYTE22[7:0]
R/W
00h*
byte 22: reserved (shall be zero)
9Ah
AUD_IF_BYTE23
7 to 0 AUD_IF_BYTE23[7:0]
R/W
00h*
byte 23: reserved (shall be zero)
Table 87.
AUD_IF_xx registers (address 80h to 9Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com