Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/15/C1 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # TDA9983BHW/15/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/15/C1 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button TDA9983BHW/15/C1 Datasheet HTML 67Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 68Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 69Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 70Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 71Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 72Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 73Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 74Page - NXP Semiconductors TDA9983BHW/15/C1 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
71 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.6.2 Auxiliary video information InfoFrame registers
Below is an example of use. Please refer to
EIA/CEA-861B specification and HDMI 1.2a
specification for the correct definition of data bytes.
37h
VSP_IF_BYTE20
7 to 0 VSP_IF_PB20[7:0]
R/W
00h*
byte 20
38h
VSP_IF_BYTE21
7 to 0 VSP_IF_PB21[7:0]
R/W
00h*
byte 21
39h
VSP_IF_BYTE22
7 to 0 VSP_IF_PB22[7:0]
R/W
00h*
byte 22
3Ah
VSP_IF_BYTE23
7 to 0 VSP_IF_PB23[7:0]
R/W
00h*
byte 23
3Bh
VSP_IF_BYTE24
7 to 0 VSP_IF_PB24[7:0]
R/W
00h*
byte 24
3Ch
VSP_IF_BYTE25
7 to 0 VSP_IF_PB25[7:0]
R/W
00h*
byte 25
3Dh
VSP_IF_BYTE26
7 to 0 VSP_IF_PB26[7:0]
R/W
00h*
byte 26
3Eh
VSP_IF_BYTE27
7 to 0 VSP_IF_PB27[7:0]
R/W
00h*
byte 27
Table 84.
VSP_IF_xx registers (address 20h to 3Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access
Value Description
Table 85.
AVI_IF_xx registers (address 40h to 5Eh) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
40h
AVI_IF_TYPE
7 to 0 AVI_IF_TYPE[7:0]
R/W
82h*
auxiliary video information InfoFrame
packet type: gives the packet type of the
auxiliary video information InfoFrame
packet (80h + InfoFrame type code as
per
EIA/CEA-861B)
41h
AVI_IF_VERSION
7 to 0 AVI_IF_VERSION[7:0]
R/W
00h*
auxiliary video information InfoFrame
version: gives the version number of the
auxiliary video information InfoFrame
42h
AVI_IF_LENGTH
7 to 5 x
R/W
000*
reserved (shall be 000)
4 to 0 AVI_IF_LENGTH[4:0]
R/W
0
0000*
auxiliary video information InfoFrame
length: gives the number of data bytes
for the auxiliary video information
InfoFrame; this length does not include
the checksum
43h
AVI_IF_
CHECKSUM
7 to 0 AVI_IF_
CHECKSUM[7:0]
R/W
00h*
auxiliary video information InfoFrame
checksum: shall be calculated such that
a byte-wide sum of all three bytes of the
packet header and all valid bytes of the
auxiliary video information InfoFrame
packet contents (determined by
InfoFrame length) plus the checksum
itself equals 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com