Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K75REW Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 57Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 58Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 59Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 60Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 61Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 62Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 63Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 64Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
61
June 11, 2010
Typical RF Transceiver TX Operation
The TXMAC inside the RF Transceiver will automatically generate the preamble, Start-of-Frame Delimiter and the FCS
when transmitting. The MCU host must write all other frame fields into TXFIFO for TX operation. To send a packet in TX
FIFO, there are several steps to follow:
Fill necessary data in TXFIFO. The format of TXFIFO is as follows:
¨ TXFIFO Address
0x001
0x0+N
1 Byte
4 Bytes
1 Byte
N Bytes
Frame Length
Destination Address
Frame Control
Payload
· Set Ackreq by SREG0x1B [2], if an acknowledgement / retransmission is required. The RF Transceiver automatically
retransmits the packet till the number of the Max trial times specified in SREG1B [7:4] is reached, if there is no ac-
knowledgement received.
· By triggering SREG0x1B [0], the TXMAC will send the packet immediately. This bit will be automatically cleared.
· Wait for the interrupt status shown in SREG0x31 [0]. If retransmission is not required, SREG0x31 [0] indicates the
packet is successfully transmitted.
· Check SREG0x24 [0] to see if transmission is successful. If SREG0x24 [0] is equal to 0, it means that the transmis-
sion is successful and the ACK was received. The number of times of the retransmission can be read at SREG0x24
[7:4]. If SREG0x24 [0] is equal to 1, it means that the transmission failed and ACK was not received.
Registers associated with Typical TX Operation
Addr.
File
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
0x1B
TXTRIG
TXRTYN3
TXRTYN2
TXRTYN1
TXRTYN0
r
TXACKREQ
r
TXTRIG
0011 0000
0x24
TXSR
TXRETRY3
TXRETRY2
TXRETRY1
TXRETRY0
r
r
r
TXNS
0000 0000
0x31
ISRSTS
r
WAKEIF
r
r
RXIF
r
r
TXNIF
0000 0000
Typical RF Transceiver RX Operation
When a valid packet is received, an interrupt is issued at SREG0x31 [3]. The MCU host can read the whole packet in-
side the RXFIFO. The RXFIFO is flushed when the frame length field and the last byte of RXFIFO are read, or when the
MCU host triggers a RX flush by SREG0x0D [0]. The format of RXFIFO is as follows:
· RXFIFO Address
0x300
0x307+N
1 Byte
4 Bytes
1 Byte
N Byte
1 Bytes
Frame Length
Destination Address
Frame Control
Payload
Frame Control
· Registers associated with Typical RX Operation
Addr.
File
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
0x0D
RXFLUSH
rrrrr
PTX
r
RXFLUSH
0110 0000
0x31
ISRSTS
r
WAKEIF
r
r
RXIF
r
r
TXNIF
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com