Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K75REW Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
A.C. Characteristics for EEPROM Memory
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
¾
5.7
6
6.3
MHz
tRCSYS
Watchdog OSC Period
3V
¾¾
71
¾ms
tWDT1
Watchdog Time-out Period with
6-stage Prescaler
3V
WDTS=1
¾
4.57
¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer
¾¾
¾
512
¾
1/fSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tWake-up
MCU Wake-up Timer
¾¾
¾
¾
1ms
tconfigure
Watchdog Time-out Period
¾¾
¾
1024
¾
tRCSYS
Power-On Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOR
Operating current
1.8V~
3.3V
¾¾
1.0
¾mA
RRVDD
VDD Rise Rate to Ensure
Power-on Reset
¾
Without 0.1
mF between
VDD and VSS
0.05
¾¾
V/ms
VPOR
Maximum VDD Start Voltage to
Ensure Power-on Reset
¾
Without 0.1
mF between
VDD and VSS ,Ta=25
°C
0.9
¾
1.5
V
tPOR
Power-on Reset Low Pulse
Width
¾
Without 0.1
mF between
VDD and VSS
2
¾¾
ms
With 0.1
mF between
VDD and VSS
10
¾¾
ms
HT82M75REW/HT82K75REW
Rev. 1.00
7
June 11, 2010
T i m e
V D D
V P O R
R R V D D
t P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com