Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K75REW Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
81
June 11, 2010
· LREG0x254 - RFCTRL54: RF Control Register 54
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
1MCSEN
1MCSCH6 1MCSCH5 1MCSCH4 1MCSCH3 1MCSCH2 1MCSCH1 1MCSCH0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
1MCSEN: 1 MHz Channel Spacing Enable
1: Enable. When LREG0x254 [7] = 1, RF channel can only be selected by LREG0x254 [6:0] and
the setting of LREG0x200 [7:4] will not change the channel number at all.
0: Disable (default)
Bit 6~0
1MCSCH [6:0]: 1 MHz Channel Spacing Channel Number
LREG0x254 [6:0] only works when LREG0x254 [7] = 1.
0000000: 2400 MHz
0000001: 2401 MHz
0000010: 2402 MHz
0000011: 2403 MHz
0000100: 2404 MHz
0000101: 2405 MHz
0000110: 2406 MHz
0000111: 2407 MHz
0001000: 2408 MHz
0001001: 2409 MHz
0001010: 2410 MHz
0001011: 2411 MHz
0001100: 2412 MHz
0001101: 2413 MHz
0001110: 2414 MHz
0001111: 2415 MHz
0010000: 2416 MHz
0010001: 2417 MHz
0010010: 2418 MHz
0010011: 2419 MHz
0010100: 2420 MHz
0010101: 2421 MHz
0010110: 2422 MHz
0010111: 2423 MHz
0011000: 2424 MHz
0011001: 2425 MHz
0011010: 2426 MHz
0011011: 2427 MHz
0011100: 2428 MHz
0011101: 2429 MHz
0011110: 2430 MHz
0011111: 2431 MHz
0100000: 2432 MHz
0100001: 2433 MHz
0100010: 2434 MHz
0100011: 2435 MHz
0100100: 2436 MHz
0100101: 2437 MHz
0100110: 2438 MHz
0100111: 2439 MHz
0101000: 2440 MHz
0101001: 2441 MHz
0101010: 2442 MHz
0101011: 2443 MHz
0101100: 2444 MHz
0101101: 2445 MHz
0101110: 2446 MHz
0101111: 2447 MHz
0110000: 2448 MHz
0110001: 2449 MHz
0110010: 2450 MHz
0110011: 2451 MHz
0110100: 2452 MHz
0110101: 2453 MHz
0110110: 2454 MHz
0110111: 2455 MHz
0111000: 2456 MHz
0111001: 2457 MHz
0111010: 2458 MHz
0111011: 2459 MHz
0111100: 2460 MHz
0111101: 2461 MHz
0111110: 2462 MHz
0111111: 2463 MHz
1000000: 2464 MHz
1000001: 2465 MHz
1000010: 2466 MHz
1000011: 2467 MHz
1000100: 2468 MHz
1000101: 2469 MHz
1000110: 2470 MHz
1000111: 2471 MHz
1001000: 2472 MHz
1001001: 2473 MHz
1001010: 2474 MHz
1001011: 2475 MHz
1001100: 2476 MHz
1001101: 2477 MHz
1001110: 2478 MHz
1001111: 2479 MHz
1010000: 2480 MHz
1010001: 2481 MHz
1010010: 2482 MHz
1010011: 2483 MHz
1010100: 2484 MHz
1010101: 2485 MHz
1010110: 2486 MHz
1010111: 2487 MHz
1011000: 2488 MHz
1011001: 2489 MHz
1011010: 2490 MHz
1011011: 2491 MHz
1011100: 2492 MHz
1011101: 2493 MHz
1011110: 2494 MHz
1011111: 2495 MHz
1100000: Undefined
:
1111111: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com