Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K75REW Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 95Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 96Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 97Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 98Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 99Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 100Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 101Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 102Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 103Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
Package Information
SAW Type 40-pin (6mm
´6mm for 0.85mm) QFN Outline Dimensions
· GTK
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.031
0.033
0.035
A1
0.000
0.001
0.002
A3
¾
0.008
¾
b
0.007
0.010
0.012
D
¾
0.236
¾
E
¾
0.236
¾
e
¾
0.020
¾
D2
0.173
0.177
0.179
E2
0.173
0.177
0.179
L
0.014
0.016
0.018
K
0.008
¾¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
A3
¾
0.20
¾
b
0.18
0.25
0.30
D
¾
6.00
¾
E
¾
6.00
¾
e
¾
0.50
¾
D2
4.40
4.50
4.55
E2
4.40
4.50
4.55
L
0.35
0.40
0.45
K
0.20
¾¾
HT82M75REW/HT82K75REW
Rev. 1.00
101
June 11, 2010
D
E
e
b
A 1
A 3
A
D 2
L
E 2
K
1
1 0
1 1
2 0
2 1
3 0
3 1
4 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com