Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 60Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 61Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
56F8014 Technical Data, Rev. 11
64
Freescale Semiconductor
6.3 Register Descriptions
Table 6-1 SIM Registers (SIM_BASE = $00 F140)
Address Offset
Address Acronym
Register Name
Section Location
Base + $0
SIM_CTRL
Control Register
6.3.1
Base + $1
SIM_RSTAT
Reset Status Register
6.3.2
Base + $2
SIM_SWC0
Software Control Register 0
6.3.3
Base + $3
SIM_SWC1
Software Control Register 1
6.3.3
Base + $4
SIM_SWC2
Software Control Register 2
6.3.3
Base + $5
SIM_SWC3
Software Control Register 3
6.3.3
Base + $6
SIM_MSHID
Most Significant Half of JTAG ID
6.3.4
Base + $7
SIM_LSHID
Least Significant Half of JTAG ID
6.3.5
Base + $8
SIM_PWR
Power Control Register
6.3.6
Reserved
Base + $A
SIM_CLKOUT
CLKO Select Register
6.3.7
Base + $B
SIM_GPS
GPIO Peripheral Select Register
6.3.8
Base + $C
SIM_PCE
Peripheral Clock Enable Register
6.3.9
Base + $D
SIM_IOSAHI
I/O Short Address Location High Register
6.3.10
Base + $E
SIM_IOSALO
I/O Short Address Location Low Register
6.3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com