Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 124 page
background image
56F8014 Information
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
91
Figure 8-4 GPIOD Register Map Summary
Part 9 Joint Test Action Group (JTAG)
9.1 56F8014 Information
Please contact your Freescale sales representative or authorized distributor for device/package-specific
BSDL information.
The TRST pin is not available in this package. The pin is tied to VDD in the package.
The JTAG state machine is reset during POR and can also be reset via a soft reset by holding TMS high
for five rising edges of TCK, as described in the 56F8000 Peripheral User Manual.
Part 10 Specifications
10.1 General Characteristics
The 56F8014 is fabricated in high-density CMOS with 5V-tolerant TTL-compatible digital inputs. The
term “5V-tolerant” refers to the capability of an I/O pin, built on a 3.3V-compatible process technology,
to withstand a voltage up to 5.5V without damaging the device. Many systems have a mixture of devices
designed for 3.3V and 5V power supplies. In such systems, a bus may carry both 3.3V- and 5V-compatible
I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of 3.3V
± 10% during
normal operation without causing damage). This 5V-tolerant capability therefore offers the power savings
of 3.3V I/O levels, combined with the ability to receive 5V levels without damage.
Absolute maximum ratings in Table 10-1 are stress ratings only, and functional operation at the maximum
is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent damage to
the device.
Unless otherwise stated, all specifications within this chapter apply over the temperature range of -40ºC to
125ºC ambient temperature over the following supply ranges:
VSS =VSSA=0V,VDD =VDDA = 3.0–3.6V, CL < 50pF, fOP = 32MHz
RS
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com