Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
General Characteristics
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
95
Note: Total chip source or sink current cannot exceed 50mA
Default Mode
Pin Group 1: GPIO, TDI, TDO, TMS, TCK
Pin Group 2: RESET, GPIOA7
Pin Group 3: ADC analog inputs
Table 10-4 Recommended Operating Conditions
(VREFL = 0V, VSSA = 0V, VSS = 0V )
Characteristic
Symbol
Notes
Min
Typ
Max
Unit
Supply voltage
VDD
33.3
3.6
V
ADC Supply voltage
VDDA
33.3
3.6
V
ADC High Voltage Reference
VREFH
3—
VDDA
V
Voltage difference VDD_IO to VDDA
ΔV
DD
-0.1
0
0.1
V
Voltage difference VSS_IO to VSSA
ΔV
SS
-0.1
0
0.1
V
Device Clock Frequency
Using relaxation oscillator
Using external clock source
FSYSCLK
8
0
—
32
32
MHz
Input Voltage High (digital inputs)
VIH
Pin Groups 1, 2
2
—
5.5
V
Input Voltage Low (digital inputs)
VIL
Pin Groups 1, 2
-0.3
—
0.8
V
Output Source Current High (at VOH min.)
When programmed for low drive strength
When programmed for high drive strength
IOH
Pin Group 1
Pin Group 1
—
—
—
—
-4
-8
mA
Output Source Current Low (at VOL max.)
When programmed for low drive strength
When programmed for high drive strength
IOL
Pin Groups 1, 2
Pin Groups 1, 2
—
—
—
—
4
8
mA
Ambient Operating Temperature
(Automotive)
TA
-40
—
125
°C
Ambient Operating Temperature (Industrial)
TA
-40
—
105
°C
Flash Endurance (Automotive)
(Program Erase Cycles)
NF
TA = -40°C to
125°C
10,000
—
—
Cycles
Flash Endurance (Industrial)
(Program Erase Cycles)
NF
TA = -40°C to
105°C
10,000
—
—
Cycles
Flash Data Retention
TR
TJ <= 85°C avg
15
—
—
Years
Flash Data Retention with <100
Program/Erase Cycles
tFLRET
TJ <= 85°C avg
20
—
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com