Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
56F8014 Technical Data, Rev. 11
98
Freescale Semiconductor
10.2.1
Voltage Regulator Specifications
The 56F8014 has two on-chip regulators. One supplies the PLL and relaxation oscillator. It has no external
pins and therefore has no external characteristics which must be guaranteed (other than proper operation
of the device). The second regulator supplies approximately 2.5 V to the 56F8014’s core logic. This
regulator requires an external 2.2
μF, or greater, capacitor for proper operation. Ceramic and tantalum
capacitors tend to provide better performance tolerances. The output voltage can be measured directly on
the VCAP pin. The specifications for this regulator are shown in Table 10-8.
10.3 AC Electrical Characteristics
Tests are conducted using the input levels specified in Table 10-5. Unless otherwise specified,
propagation delays are measured from the 50% to the 50% point, and rise and fall times are measured
between the 10% and 90% points, as shown in Figure 10-2.
Table 10-7 Power-On Reset Low-Voltage Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Low-Voltage Interrupt for 3.3V supply1
1. When VDD drops below VEI3.3, an interrupt is generated.
VEI3.3
2.60
2.7
—
V
Low-Voltage Interrupt for 2.5V supply2
2. When VDD drops below VEI32.5, an interrupt is generated.
VE12.5
2.05
2.15
—
V
Low-Voltage Interrupt Recovery Hysteresis
VEIH
—50
—
mV
Power-On Reset3
3. Power-On Reset occurs whenever the internally regulated 2.5V digital supply drops below 1.8V. While
power is ramping up, this signal remains active for as long as the internal 2.5V is below 2.15V or the 3.3V
1/O voltage is below 2.7V, no matter how long the ramp-up rate is. The internally regulated voltage is
typically 100mV less than VDD during ramp-up until 2.5V is reached, at which time it self-regulates.
POR
—
1.8
1.9
V
Table 10-8. Regulator Parameters
Characteristic
Symbol
Min
Typical
Max
Unit
Input Voltage
VIN
3.0
—
3.6
V
Output Voltage
VOUT
2.25
2.5
2.75
V
Short Circuit Current
ISS
—
450
650
mA
Short Circuit Tolerance
(output shorted to ground)
TRSC
—
—
30
Minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com