Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
56F8014 Technical Data, Rev. 11
92
Freescale Semiconductor
CAUTION
This device contains protective circuitry to guard
against damage due to high static voltage or electrical
fields. However, normal precautions are advised to
avoid
application
of
any
voltages
higher
than
maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are
tied to an appropriate voltage level.
Table 10-1 Absolute Maximum Ratings
(VSS = 0V, VSSA = 0V)
Characteristic
Symbol
Notes
Min
Max
Unit
Supply Voltage Range
VDD
-0.3
4.0
V
Analog Supply Voltage Range
VDDA
- 0.3
4.0
V
ADC High Voltage Reference
VREFH
- 0.3
4.0
V
Voltage difference VDD_IO to VDDA
ΔV
DD
- 0.3
0.3
V
Voltage difference VSS_IO to VSSA
ΔV
SS
- 0.3
0.3
V
Input Voltage Range (Digital inputs)
VIN
Pin Groups 1, 2
- 0.3
6.0
V
Input Voltage Range (ADC inputs)1
VINA
Pin Group 3
- 0.3
4.0
V
Input clamp current, per pin (VIN < 0)
2
VIC
--20
mA
Output clamp current, per pin (VO < 0)
2
VOC
--20
mA
Output Voltage Range
(Normal Push-Pull mode)
VOUT
Pin Group 1
-0.3
4.0
V
Output Voltage Range
(Open Drain mode)
VOUTOD
Pin Groups 1, 2
-0.3
6.0
V
Ambient Temperature (Automotive)
TA
-40
125
°C
Ambient Temperature (Industrial)
TA
-40
105
°C
Junction Temperature (Automotive)
TJ
-40
150
°C
Junction Temperature (Industrial)
TJ
-40
125
°C
Storage Temperature (Automotive)
TSTG
-55
150
°C
Storage Temperature (Industrial)
TSTG
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com