Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-34. TI_RESERVED_STATUS_3
Address: 0x1D
Default: 0x0200
BIT(s)
NAME
DESCRIPTION
ACCESS
29.9
RESERVED
For TI use only.
RO
29.8:4
RESERVED
For TI use only
29.3:0
RESERVED
For TI use only
Table 3-35. TI_RESERVED_CONTROL_9
Address: 0x1E
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
30.15:0
RESERVED
For TI use only.
RW
Table 3-36. TI_RESERVED_CONTROL_10
Address: 0x1F
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
31.15:0
RESERVED
For TI use only.
RW
Table 3-37. TI_RESERVED_STATUS_4
Address: 0x8000
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32768.15:0
RESERVED
For TI use only.
RO
Table 3-38. TI_RESERVED_STATUS_5
Address: 0x8001
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32769.15:0
RESERVED
For TI use only.
RO
Table 3-39. TI_RESERVED_STATUS_6
Address: 0x8002
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32770.15:0
RESERVED
For TI use only.
RO
Table 3-40. TI_RESERVED_STATUS_7
Address: 0x8003
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32771.15:0
RESERVED
For TI use only.
RO
Table 3-41. TI_RESERVED_STATUS_8
Address: 0x8004
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32772.15:0
RESERVED
For TI use only.
RO
Table 3-42. TI_RESERVED_STATUS_9
Address: 0x8005
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32773.15:0
RESERVED
For TI use only.
RO
60
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com