Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments TLK6002 Datasheet HTML 81Page - Texas Instruments TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
–
Write 1’b1 to 20.2 (ENRX)
•
Select Test Pattern:
–
If CRPAT Long Pattern is desired:
•
Write 3’b011 to 7.10:8 TEST_PATTERN_SEL[2:0]
–
If CRPAT Short Pattern is desired:
•
Write 3’b100 to 7.10:8 TEST_PATTERN_SEL[2:0]
•
Enable Test Pattern Generation:
–
Write 1’b1 to 7.13 TP_GEN_EN
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Final CDR Configuration
–
Wait until either AGC_LOCKED asserted or 250M UI
–
Write 8.9:8 (CDRFMULT[1:0]) = 2’b01
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Issue Data path Reset
–
Write 1’b1 to 4.3 DATAPATH_RESET
•
Enable Test Pattern Verification:
–
Write 1’b1 to 7.12 TP_VERIFY_EN
•
Clear Counters:
–
Read 14.15:0 ERROR_COUNTER[15:0] and discard the value.
•
Verify Test In Progress:
–
Poll 5.12 TP_STATUS until asserted.
•
The pattern verification is now in progress.
•
Verify Error Free Operation (as many times as desired during the duration of the test period):
–
Read 14.15:0 ERROR_COUNTER[15:0], and verify 16’h0000 is read to confirm error free
operation.
If more than one test is specified results are unpredictable.
If another test type is desired, begin at the first step of that procedure.
82
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com