Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments TLK6002 Datasheet HTML 92Page - Texas Instruments TLK6002 Datasheet HTML 93Page - Texas Instruments TLK6002 Datasheet HTML 94Page - Texas Instruments TLK6002 Datasheet HTML 95Page - Texas Instruments TLK6002 Datasheet HTML 96Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
9
Appendix E – Device Test Modes
This device can be placed into one of the four modes: functional mode including JTAG testing mode, scan
1 testing mode, scan 2 testing mode, and Cooper/eFuse testing mode. The scan 1, scan 2 and
Cooper/eFuse testing modes are for TI use only, and may be ignored by external users of this device.
Table 9-1. Device Mode Configuration
FUNCTIONAL DEVICE
FUNCTIONAL MODE/JTAG
SCAN 1 MODE
SCAN 2 MODE
COOPER/EFUSE MODE
PIN NAME
TESTING
TESTEN
0
0
1
1
GPI0
0
1
0
1
Table 9-2. Device Test Mode Pin Configuration
FUNCTIONAL
FUNCTIONAL
TEST MODE
FUNCTIONAL
COOPER/EFUSE
DEVICE PIN
MODE SIGNAL
SIGNAL
MODE/JTAG
SCAN 1 MODE
SCAN 2 MODE
MODE
NAME
DIRECTION
DIRECTION
TESTING
CODEA_EN
I
I
CODEA_EN
Scan In 8
Scan In 8
STCICFG0
RATE_A2
I
I
RATE_A2
Scan In 7
Scan In 7
STCI_D
RATE_A1
I
I
RATE_A1
Scan In 6
Scan In 6
EFUSE_TMS
RATE_A0
I
I
RATE_A0
Scan In 5
Scan In 5
EFUSE_TDI
RATE_B2
I
I
RATE_B2
Scan In 4
Scan In 4
STCICFG1
RATE_B1
I
I
RATE_B1
Scan In 3
Scan In 3
EFUSE_INITZ
RATE_B0
I
I
RATE_B0
Scan In 2
Scan In 2
EFUSE_TRST
REFCLK_A_SEL
I
I
REFCLK_A_SEL
Scan In 1
Scan In 1
REFCLK_A_SEL
REFCLK_B_SEL
I
I
REFCLK_B_SEL
Scan Enable
Scan Enable
REFCLK_B_SEL
CLK_OUT_SEL
I
I
CLK_OUT_SEL
At Speed Scan Enable
HSTL Force Up
EFUSE_TCK
0: stuck-at fault
1: transition fault
CODEB_EN
I
I
CODEB_EN
Scan Clock Select (0:
HSTL Force Down
EFUSE_SYS_CLK
from device pin, 1: from
Cooper), also
EFUSE_SYS_CLK
TDI
I
I
TDI
Adaptive Scan Enable
Adaptive Scan
TDI
(Test Mode)
Enable (Test Mode)
PRBS_EN
I
I
PRBS_EN
Scan Clock
Scan Clock
STCICLK
PRTAD4
I
O or I
PRTAD4
Scan Out 8 (O)
Scan Out 8 (O)
TESTCLK_R (I)
PRTAD3
I
O or I
PRTAD3
Scan Out 7 (O)
Scan Out 7 (O)
efuse_cooper_sel (I)
(0: Cooper mode, 1:
eFuse mode)
PRTAD2
I
O or I
PRTAD2
Scan Out 6 (O)
Scan Out 6 (O)
TESTCLK_T (I)
PRTAD1
I
O or I
PRTAD1
Scan Out 5 (O)
Scan Out 5 (O)
Not Used (I)
PRTAD0
I
O or I
PRTAD0
Scan Out 4 (O)
Scan Out 4 (O)
Not Used (I)
PRBSA_PASS
O
O
PRBSA_PASS
Scan Out 3 (O)
Scan Out 3 (O)
Tied Low
LOSA
O
O
LOSA
Scan Out 2 (O)
Scan Out 2 (O)
STCI_Q
PRBSB_PASS
O
O
PRBSB_PASS
Scan Out 1 (O)
Scan Out 1 (O)
EFUSE_TDO
LOSB
O
O
LOSB
Burnin_Output
Burnin_Output
Burnin_Output
Copyright © 2010, Texas Instruments Incorporated
Appendix E – Device Test Modes
93
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com