Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments TLK6002 Datasheet HTML 92Page - Texas Instruments TLK6002 Datasheet HTML 93Page - Texas Instruments TLK6002 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
8
Appendix D – Device Latency Specification
The following tables show the absolute device latency in each operation mode.
Table 8-1. Device Absolute Transmit Latency – SDR and DDR Modes
SDR TRANSMIT ABSOLUTE LATENCY (Serial Bit Times)
Note: TX FIFO, in register 6.14:12, defaults to Auto Selection Mode. This table contains latencies when the TX FIFO is set in the minimum
latency mode (6.14:12 = 3'b000).
LATENCY COMPONENTS
Item
Minimum
Maximum
Description
A
8
12
Sampling edge of TXCLK_* to TX FIFO Input Register
B
10
40
TX FIFO Input Register to TX FIFO Output Register
C
20
20
TX FIFO Output Register to 8b/10b Encoder Register
D
10
10
8b/10b Encoder Register to PMA Retime Register
E
20
20
PMA Retime Register to TX SERDES Input Register
F
16
22
TX SERDES Input Register to Serialized Output Bit
Bit Detail
Latency
Minimum
Maximum
Assumption: TX*_[19] is first transmitted bit. TX*_[19:10] is first transmitted
symbol. 8b/10b encoder is enabled. Disabling 8b/10b encoder reduces latency
TX*_[19]
0
84
124
by 10 bit times.
TX*_[10]
9
93
133
TX*_[9]
10
94
134
TX*_[0]
19
103
143
Latency
Encoder Enabled
Encoder Disabled
Summary
Minimum
Maximum
Minimum
Maximum
TX*_[19]
84
124
74
114
TX*_[10]
93
133
83
123
TX*_[9]
94
134
84
124
TX*_[0]
103
143
93
133
DDR TRANSMIT ABSOLUTE LATENCY (Serial Bit Times)
DDR Transmit Latency is the same as transmit SDR mode, except that all numbers are 8 to12 bit times larger.
Latency
Encoder Enabled
Encoder Disabled
Summary
Minimum
Maximum
Minimum
Maximum
TX*_[19]
92
136
82
126
TX*_[10]
101
145
91
135
TX*_[9]
102
146
92
136
TX*_[0]
111
155
101
145
90
Appendix D – Device Latency Specification
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com