Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 2-2. Pin Description – Power Pins (continued)
Terminal
Type
Description
Signal
BGA
A1
A4
A6
A15
A18
B4
B6
C5
D2
D5
D17
E3
E16
G1
G18
H3
H14
H16
J5
K2
K6
K14
K17
Digital Ground
DGND
Ground
L2
Digital ground
M7
M9
M11
N2
N4
N7
N8
N10
N11
N12
N15
N17
P7
P8
P9
P10
P11
P12
R1
R5
R18
U1
HSTL Voltage Reference
VREFTA,
L1
Voltage
These high impedance voltage reference inputs are used as a signal comparison level for HSTL input signals. These
VREFTB
L18
Reference
signals should be created using a resistive voltage divider (dual 1k
Ω) between VDDQA or VDDQB and DGND. These
signals should be locally decoupled as close to the device pins as possible.
Copyright © 2010, Texas Instruments Incorporated
Description
15
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com