Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6002 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 3-43. TI_RESERVED_STATUS_10
Address: 0x8006
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32774.15:0
RESERVED
For TI use only.
RO
Table 3-44. TI_RESERVED_STATUS_11
Address: 0x8007
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
32775.15:0
RESERVED
For TI use only.
RO
3.1
LL = Latched Low
Latched low means that if a condition is occurring, the register bit will read low. Latched low also means
that if a condition has occurred since the last time the register was read, it will read low. If a latched low
register bit reads high, it means that the condition is not occurring presently, and it has not occurred since
the last time the register was read. A latched low register, when read low, should be read again to
distinguish if a condition occurred previously or is still occurring. If it occurred previously, the second read
will read high. If it is still occurring, the second read will read low.
3.2
LH = Latched High
Latched high means that if a condition is occurring, the register bit will read high. Latched high also means
that if a condition has occurred since the last time the register was read, it will read high. If a latched high
register bit reads low, it means that the condition is not occurring presently, and it has not occurred since
the last time the register was read. A latched high register, when read high, should be read again to
distinguish if a condition occurred previously or is still occurring. If it occurred previously, the second read
will read low. If it is still occurring, the second read will read high.
3.3
COR = Clear On Read
Counters indicated as COR are cleared after being read.
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
61
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com