Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 29Page - Texas Instruments THS4522IPW Datasheet HTML 30Page - Texas Instruments THS4522IPW Datasheet HTML 31Page - Texas Instruments THS4522IPW Datasheet HTML 32Page - Texas Instruments THS4522IPW Datasheet HTML 33Page - Texas Instruments THS4522IPW Datasheet HTML 34Page - Texas Instruments THS4522IPW Datasheet HTML 35Page - Texas Instruments THS4522IPW Datasheet HTML 36Page - Texas Instruments THS4522IPW Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
0
Frequency (Hz)
-
95
97
99
101
103
-
-
-
-
-
-
-
-
-
-
105
107
109
111
113
115
100
1 k
10 k 20 k
G = 5
G = 1
G = 2
THS4521 and PCM4204 THD+N
vs FREQUENCY (No Weighting, at Higher Gains)
10
Frequency (Hz)
-
80
82
84
86
88
-
-
-
-
-
-
-
-
-
-
90
92
94
96
98
100
100
1 k
10 k 20 k
THS4521 and PCM3168 THD+N vs FREQUENCY
(No Weighting)
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
Figure 79 shows the THS4521 and PCM4204 THD+N
EVM is configured for both differential inputs as
versus frequency with no weighting at higher gains.
shown in Figure 60 and for single-ended input as
shown in Figure 61 with 1-k
Ω resistors for RF and RG,
and 24.9-
Ω resistors in series with each output to
isolate the outputs from the reactive load of the
coaxial cables. To limit the noise from the external
EVM and cables, a 2.7-nF capacitor is placed
differentially across the PCM3168A inputs. The
THS4521 is operated with a single-supply +5-V
supply so the output common-mode of the THS4521
defaults to +2.5 V as required at the input of the
PCM3168A. The PCM3168A EVM is configured and
operated as described in the PCM3168AEVM User
Guide. The ADC was tested with an external
THS4521 EVM with both single-ended input and
differential inputs. In both configurations, the results
are the same. Figure 80 shows the THD+N versus
frequency and Table 5 compares the result to the
PCM3168 data sheet typical specification at 1 kHz.
Both graphs show that it makes an excellent drive
amplifier for this ADC. Note: a 2700 series Audio
Figure 79. THS4521 and PCM4204: THD+N versus
Analyzer from Audio Precision is used to generate
Frequency with No Weighting at Higher Gains
the input signals to the THS4521 and to analyze the
digital data from the PCM3168.
Audio ADC Driver Performance:
THS4521 and PCM3168 Combined
Performance
The THS4521 is also tested as the drive amplifier for
the PCM3168A ADC input. The PCM3168A is a
high-performance,
single-chip,
24-bit,
6-in/8-out,
audio coder/decoder (codec) with single-ended and
differential selectable analog inputs and differential
outputs. The six-channel, 24-bit ADC employs a
ΔΣ
modulator and supports 8-kHz to 96-kHz sampling
rates and a 16-bit/24-bit width digital audio output
word on the audio interface. The eight-channel, 24-bit
digital-to-analog converter (DAC) employs a
ΔΣ
modulator and supports 8-kHz to 192-kHz sampling
rates and a 16-bit/24-bit width digital audio input word
on the audio interface. Each audio interface supports
I2S™,
left-/right-justified,
and
DSP
formats
with
16-bit/24-bit word width. In addition, the PCM3168A
Figure 80. THS4521 and PCM3168: THD+N versus
supports the time-division-multiplexed (TDM) format..
Frequency with No Weighting
The PCM3168A provides flexible serial port interface
and many other advanced features. Refer to the
PCM3168A product data sheet for more information.
Table 5. 1-kHz AC Analysis: Test Circuit vs
PCM3168 Data Sheet Typical Specifications
The PCM3168A EVM is used to test the audio
(fS = 48 kSPS)
performance of the THS4521 as a drive amplifier.
The standard PCM3168A EVM is provided with
Configuration
Tone
THD+N
OPA2134
op
amps
that
are
used
to
convert
THS4521 and
1 kHz
–92.6 dBc
single-ended inputs to differential to drive the ADC.
PCM3168
For testing, the op amp output series resistors are
PCM3168 Data
1 kHz
–93 dBc
removed from one of the channels and a THS4521,
sheet (typ)
mounted on its standard EVM, is connected to the
ADC inputs via short coaxial cables. The THS4521
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com