Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 31Page - Texas Instruments THS4522IPW Datasheet HTML 32Page - Texas Instruments THS4522IPW Datasheet HTML 33Page - Texas Instruments THS4522IPW Datasheet HTML 34Page - Texas Instruments THS4522IPW Datasheet HTML 35Page - Texas Instruments THS4522IPW Datasheet HTML 36Page - Texas Instruments THS4522IPW Datasheet HTML 37Page - Texas Instruments THS4522IPW Datasheet HTML 38Page - Texas Instruments THS4522IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
THS4521
ADS8321
V
OCM
5V
1nF
-
IN
+IN
V
IN+
V
IN-
1kW
1kW
1kW
49.9 W
49.9 W
0.22 F
m
68pF
68pF
1kW
Open
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-160
0
10 k
20 k
30 k
40 k
50 k
Frequency (Hz)
V = 5.0 V
G = 1 V/V
R =
1 k
S
F
R =
Load = 2 x 49.9
+ 2 pF
G
W
W
10-kHz FFT
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
-160
0
10 k
20 k
30 k
40 k
50 k
Frequency (Hz)
V = 5.0 V
G = 1 V/V
R =
1 k
S
F
R =
Load = 2 x 49.9
+ 2 pF
G
W
W
2-kHz FFT
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
ADC Driver Performance:
Data were taken using the ADS8321 at 100 kSPS
THS4521 and ADS8321 Combined
with input frequencies of 2 kHz and 10 kHz and
Performance
signal levels that were -0.5 dBFS. FFT plots that
illustrate the spectral performance are given in
To
demonstrate
achievable
performance,
the
Figure 85 and Figure 86. Tabulated ac analysis
THS4521 is tested as the drive amplifier for the
results are listed in Table 7 and compared to the
ADS8321 16-bit SAR ADC. The ADS8321 offers
ADS8321 data sheet typical performance.
excellent ac and dc performance, with ultra-low power
and small size. The circuit shown in Figure 84 was
used to test the performance.
Figure 84. THS4521 and ADS8321 Test Circuit
Figure 85. 2-kHZ FFT
Figure 86. 10-kHz FFT
Table 7. AC Analysis
Configuration
Tone
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
THS4521 and
2 kHz
–0.5
86.7
–97.8
86.4
100.7
ADS8321
10 kHz
–0.5
85.2
–98.1
85.2
102.2
ADS8321 Data
10 kHz
–0.5
87
–86
84
86
sheet (typ)
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com