Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 18Page - Texas Instruments THS4522IPW Datasheet HTML 19Page - Texas Instruments THS4522IPW Datasheet HTML 20Page - Texas Instruments THS4522IPW Datasheet HTML 21Page - Texas Instruments THS4522IPW Datasheet HTML 22Page - Texas Instruments THS4522IPW Datasheet HTML 23Page - Texas Instruments THS4522IPW Datasheet HTML 24Page - Texas Instruments THS4522IPW Datasheet HTML 25Page - Texas Instruments THS4522IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
THS452x
R
G
R
G
R
IT
R
IT
24.9 W
953 W
1kW
1kW
49.9 W
24.9 W
V
OCM
V
IN+
PD
Measurewith
Differential
Probe
AcrossR
OT
Installedto
Balance
Amplifier
Calibrated
Differential
Probe
Across
R
IT
Open
Open
From
50-
Source
W
V
S+
V
S-
0.22 F
m
0.22 F
m
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TEST CIRCUITS
Table 2. Load Component Values For 1:1
Overview
Differential to Single-Ended Output Transformer(1)
The THS4521, THS4522, and THS4524 family is
RL
RO
ROT
Atten
tested with the test circuits shown in this section; all
100
Ω
24.9
Ω
Open
6 dB
circuits
are
built
using
the
available
THS4521
200
Ω
86.6
Ω
69.8
Ω
16.8 dB
evaluation
module
(EVM).
For
simplicity,
power-supply decoupling is not shown; see the layout
499
Ω
237
Ω
56.2
Ω
25.5 dB
in the Applications section for recommendations.
1 k
Ω
487
Ω
52.3
Ω
31.8 dB
Depending on the test conditions, component values
1. Total load includes 50-
Ω termination by the test
change in accordance with Table 1 and Table 2, or
equipment. Components are chosen to achieve
as otherwise noted. In some cases the signal
load and 50-
Ω line termination through a 1:1
generators used are ac-coupled and in others they
transformer.
dc-coupled 50-
Ω sources. To balance the amplifier
when ac-coupled, a 0.22-mF capacitor and 49.9-Ω
Frequency Response
resistor to ground are inserted across RIT on the
alternate input; when dc-coupled, only the 49.9-
Ω
The circuit shown in Figure 53 is used to measure the
resistor to ground is added across RIT. A split power
frequency response of the circuit.
supply is used to ease the interface to common test
An HP network analyzer is used as the signal source
equipment, but the amplifier can be operated in a
and the measurement device. The output impedance
single-supply
configuration
as
described
in
the
of the HP network analyzer is is dc-coupled and is
Applications section with no impact on performance.
50
Ω. RIT and RG are chosen to impedance-match to
Also, for most of the tests, except as noted, the
50
Ω and maintain the proper gain. To balance the
devices are tested with single-ended inputs and a
amplifier, a 49.9-
Ω resistor to ground is inserted
transformer on the output to convert the differential
across RIT on the alternate input.
output to single-ended because common lab test
equipment has single-ended inputs and outputs.
The
output
is
probed
using
a
Tektronix
Similar or better performance can be expected with
high-impedance differential probe across the 953-
Ω
differential inputs and outputs.
resistor and referred to the amplifier output by adding
back the 0.42-dB because of the voltage divider on
As a result of the voltage divider on the output formed
the output.
by the load component values, the amplifier output is
attenuated. The Atten column in Table 2 shows the
attenuation expected from the resistor divider. When
using a transformer at the output (as shown in
Figure 54), the signal sees slightly more loss because
of transformer and line loss; these numbers are
approximate.
Table 1. Gain Component Values for
Single-Ended Input(1)
Gain
RF
RG
RIT
1 V/V
1 k
Ω
1 k
Ω
52.3
Ω
2 V/V
1 k
Ω
487
Ω
53.6
Ω
5 V/V
1 k
Ω
187
Ω
59.0
Ω
10 V/V
1 k
Ω
86.6
Ω
69.8
Ω
Figure 53. Frequency Response Test Circuit
1. Gain setting includes 50-
Ω source impedance.
Components are chosen to achieve gain and
50-
Ω input termination.
22
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com