Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 17Page - Texas Instruments THS4522IPW Datasheet HTML 18Page - Texas Instruments THS4522IPW Datasheet HTML 19Page - Texas Instruments THS4522IPW Datasheet HTML 20Page - Texas Instruments THS4522IPW Datasheet HTML 21Page - Texas Instruments THS4522IPW Datasheet HTML 22Page - Texas Instruments THS4522IPW Datasheet HTML 23Page - Texas Instruments THS4522IPW Datasheet HTML 24Page - Texas Instruments THS4522IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
100k
10k
1k
100
100k
1M
10M
100M
Frequency(Hz)
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
0
100
200
300
400
Time(ns)
V
=5.0V
G=1V/V
R =1k
R =1k
S+
F
L
W
W
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS: 5 V (continued)
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, and input and output referenced to midsupply, unless otherwise noted.
VOCM INPUT IMPEDANCE
VOCM LARGE-SIGNAL PULSE RESPONSE
vs FREQUENCY
Figure 51.
Figure 52.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com