Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 2 Page - Texas Instruments

  THS4522IPW Datasheet HTML 1Page - Texas Instruments THS4522IPW Datasheet HTML 2Page - Texas Instruments THS4522IPW Datasheet HTML 3Page - Texas Instruments THS4522IPW Datasheet HTML 4Page - Texas Instruments THS4522IPW Datasheet HTML 5Page - Texas Instruments THS4522IPW Datasheet HTML 6Page - Texas Instruments THS4522IPW Datasheet HTML 7Page - Texas Instruments THS4522IPW Datasheet HTML 8Page - Texas Instruments THS4522IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
THS4521ID
Rails, 75
SOIC-8
D
TH4521
THS4521IDR
Tape and reel, 2500
THS4521
–40°C to +85°C
THS4521IDGKT
Tape and reel, 250
MSOP-8
DGK
4521
THS4521IDGKR
Tape and reel, 2500
THS4522IPW
Rails, 90
THS4522
TSSOP-16
PW
–40°C to +85°C
THS4522
THS4522IPWR
Tape and reel, 2000
THS4524IDBT
Rails, 50
THS4524
TSSOP-38
DBT
–40°C to +85°C
THS4524
THS4524IDBTR
Tape and reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
relevant product folders at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
THS4521, THS4522. THS4524
UNIT
Supply Voltage, VS– to VS+
5.5
V
Input/Output Voltage, VI (VIN±, VOUT±, VOCM pins)
(VS–) – 0.7 to (VS+) + 0.7V
V
Differential Input Voltage, VID
1
V
Output Current, IO
100
mA
Input Current, II (VIN±, VOCM pins)
10
mA
Continuous Power Dissipation
See Thermal Characteristic Specifications
Maximum Junction Temperature, TJ
+150
°C
Maximum Junction Temperature, TJ (continuous operation, long-term reliability)
+125
°C
Operating Free-air Temperature Range, TA
–40 to +85
°C
Storage Temperature Range, TSTG
–65 to +150
°C
Human Body Model (HBM)
1300
V
ESD
Charge Device Model (CDM)
1000
V
Rating:
Machine Model (MM)
50
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com