Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 26Page - Texas Instruments THS4522IPW Datasheet HTML 27Page - Texas Instruments THS4522IPW Datasheet HTML 28Page - Texas Instruments THS4522IPW Datasheet HTML 29Page - Texas Instruments THS4522IPW Datasheet HTML 30Page - Texas Instruments THS4522IPW Datasheet HTML 31Page - Texas Instruments THS4522IPW Datasheet HTML 32Page - Texas Instruments THS4522IPW Datasheet HTML 33Page - Texas Instruments THS4522IPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
0
50
100
150
200
Time (ms)
PD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Outputs
PD ENABLE POP PERFORMANCE
0
50
100
150
200
Time (ms)
Power
Supply
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Outputs
POWER-SUPPLY TURN-ON POP PERFORMANCE
0
50
100
150
200
Time (ms)
PD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Outputs
PD DISABLE POP PERFORMANCE
0
50
100
150
200
Time (ms)
Power
Supply
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Outputs
POWER-SUPPLY TURN-OFF POP PERFORMANCE
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Audio On/Off Pop Performance
With no tone input, Figure 74 shows the pop
performance
using
the
PD
pin
to
enable
the
The THS4521 was tested to show on and off pop
THS4521, and Figure 75 shows performance using
performance by connecting a speaker between the
the PD pin to disable the device. Again, the transients
differential outputs and switching the power supply on
during power on and off show that no audible pop
and off, and also by using the PD function of the
should be heard. It should also be noted that the turn
THS4521. Testing was done with and without tones.
on/off times are faster using the PD pin technique.
During these tests, no audible pop could be heard.
With no tone input, Figure 72 shows the pop
performance
when
switching
power
on
to
the
THS4521
and
Figure
73
shows
the
device
performance
when
turning
the
power
off.
The
transients during power on and off illustrate that no
audible pop should be heard
Figure 74. THS4521 PD Pin Enable Pop
Performance
Figure 72. THS4521 Power-Supply Turn-On Pop
Performance
Figure 75. THS4521 PD Pin Disable Pop
Performance
The power on/off pop performance of the THS4521,
whether by switching the power supply or when using
the power-down function built into the chip, shows
that no special design should be required to prevent
Figure 73. THS4521 Power-Supply Turn-Off Pop
an audible pop.
Performance
space
space
30
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com