Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 20Page - Texas Instruments THS4522IPW Datasheet HTML 21Page - Texas Instruments THS4522IPW Datasheet HTML 22Page - Texas Instruments THS4522IPW Datasheet HTML 23Page - Texas Instruments THS4522IPW Datasheet HTML 24Page - Texas Instruments THS4522IPW Datasheet HTML 25Page - Texas Instruments THS4522IPW Datasheet HTML 26Page - Texas Instruments THS4522IPW Datasheet HTML 27Page - Texas Instruments THS4522IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
THS452x
24.9 W
953 W
1kW
1kW
1kW
1kW
52.3 W
24.9 W
V
OCM
V
IN+
PD
Measurewith
Differential
Probe
Calibrated
Differential
Probe
Open
Open
From
Network
Analyzer
V
S+
V
S-
0.22 F
m
0.22 F
m
THS452x
1kW
1kW
V
OCM
PD
Open
Open
Open
Measurement
PointforBandwidth
Measurement
PointforZ
IN
Calibrated
Differential
Probe
Across
49.9
Resistor
W
R
CM
From
Network
Analyzer
1kW
1kW
49.9 W
49.9 W
49.9 W
499 W
499 W
V
S+
0.22 F
m
V
S
THS452x
24.9 W
953 W
1kW
1kW
1kW
1kW
52.3 W
52.3 W
24.9 W
V
OCM
PD
Measurewith
Differential
Probe
AcrossR
OT
Open
Open
Open
Open
Network
Analyzer
Power
Supply
CalibratedDifferential
Probe
Across
V
S+ andGND
V
S+
V
S-
0.22 F
m
0.22 F
m
THS452x
499 W
1kW
1kW
1kW
1kW
52.3 W
52.3 W
499 W
V
OCM
PD
Open
Open
Open
49.9 W
49.9 W
Step
Input
ToOscilloscope
50-
Input
W
V
S+
V
S-
0.22 F
m
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Common-Mode and Power-Supply Rejection
VOCM Input
The circuit shown in Figure 56 is used to measure the
The circuit illustrated in Figure 58 is used to measure
CMRR. The signal from the network analyzer is
the frequency response and input impedance of the
applied common-mode to the input. Figure 57 is used
VOCM input. Frequency response is measured using a
to measure the PSRR of VS+ and VS–. The power
Tektronix high-impedance differential probe, with
supply under test is applied to the network analyzer
RCM = 0 Ω at the common point of VOUT+ and VOUT–,
dc offset input. For both CMRR and PSRR, the output
formed at the summing junction of the two matched
is
probed
using
a
Tektronix
high-impedance
499-
Ω resistors, with respect to ground. The input
differential probe across the 953-
Ω resistor and
impedance
is
measured
using
a
Tektronix
referred to the amplifier output by adding back the
high-impedance differential probe at the VOCM input
0.42-dB as a result of the voltage divider on the
with RCM = 10 kΩ and the drop across the 10-kΩ
output. For these tests, the resistors are matched for
resistor is used to calculate the impedance seen
best results.
looking into the amplifier VOCM input.
The circuit shown in Figure 59 measures the transient
response and slew rate of the VOCM input. A 1-V step
input is applied to the VOCM input and the output is
measured using a 50-
Ω oscilloscope input referenced
back to the amplifier output.
Figure 56. CMRR Test Circuit
Figure 58. VOCM Input Test Circuit
Figure 57. PSRR Test Circuit
Figure 59. VOCM Transient Response and Slew
Rate Test Circuit
space
24
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com