Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 2Page - Intersil Corporation EL5420CSZ Datasheet HTML 3Page - Intersil Corporation EL5420CSZ Datasheet HTML 4Page - Intersil Corporation EL5420CSZ Datasheet HTML 5Page - Intersil Corporation EL5420CSZ Datasheet HTML 6Page - Intersil Corporation EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation EL5420CSZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN7186.6
March 4, 2009
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 10kΩ and CL = 10pF to 7.5V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 7)
5
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to +15.5V
53
72
dB
AVOL
Open Loop Gain
0.5V
≤ VOUT ≤ 14.5V
75
95
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = +5mA
14.85
14.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
1V
≤ VOUT ≤ 14V, 20% to 80%
10
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10kΩ, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz (EL5220 and EL5420 only)
75
dB
NOTES:
7. Measured over operating temperature range
8. Slew rate is measured on rising and falling edges
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com