Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 9Page - Intersil Corporation EL5420CSZ Datasheet HTML 10Page - Intersil Corporation EL5420CSZ Datasheet HTML 11Page - Intersil Corporation EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation EL5420CSZ Datasheet HTML 14Page - Intersil Corporation EL5420CSZ Datasheet HTML 15Page - Intersil Corporation EL5420CSZ Datasheet HTML 16Page - Intersil Corporation EL5420CSZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FN7186.6
March 4, 2009
supply voltage, plus the power in the IC due to the loads as
shown in Equation 2:
when sourcing, and:
when sinking.
where:
• i = 1 to 2 for dual and 1 to 4 for quad
•VS = Total supply voltage
•ISMAX = Maximum supply current per amplifier
•VOUTi = Maximum output voltage of the application
•ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figure 27
provide a convenient way to see if the device will overheat.
The maximum safe power dissipation can be found
graphically, based on the package type and the ambient
temperature. By using the previous equation, it is a simple
matter to see if PDMAX exceeds the device's power derating
curves. To ensure proper operation, it is important to observe
the recommended derating curves in Figure 27.
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and
a quad package be configured as a unity gain follower. The
inverting input should be directly connected to the output
and the non-inverting input tied to the ground plane.
Driving Capacitive Loads
The EL5120, EL5220, and EL5420 can drive a wide range of
capacitive loads. As load capacitance increases, however,
the -3dB bandwidth of the device will decrease and the
peaking will increase. The amplifiers drive 10pF loads in
parallel with 10k
Ω with just 1.5dB of peaking, and 100pF
with 6.4dB of peaking. If less peaking is desired in these
applications, a small series resistor (usually between 5
Ω and
50
Ω) can be placed in series with the output. However, this
will obviously reduce the gain slightly. Another method of
reducing peaking is to add a “snubber” circuit at the output.
A snubber is a shunt load consisting of a resistor in series
with a capacitor. Values of 150
Ω and 10nF are typical. The
advantage of a snubber is that it does not draw any DC load
current or reduce the gain
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5120, EL5220, and EL5420 can provide gain at high
frequency. As with any high-frequency device, good printed
circuit board layout is necessary for optimum performance.
Ground plane construction is highly recommended, lead
lengths should be as short as possible and the power supply
pins must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to ground, a 0.1µF ceramic capacitor should be
placed from VS+ to pin to VS- pin. A 4.7µF tantalum
capacitor should then be connected in parallel, placed in the
region of the amplifier. One 4.7µF capacitor may be used for
multiple devices. This same capacitor combination should be
placed at each supply pin to ground if split supplies are to be
used.
P
DMAX
ΣiV
S
I
SMAX
V
S+
(
V
OUT i )
I
LOAD i
×
–
+
×
[]
×
=
(EQ. 2)
P
DMAX
ΣiV
S
I
SMAX
V
OUTi
(
V
S- )
I
LOADi
×
–
+
×
[]
×
=
(EQ. 3)
3.0
2.5
2.0
1.5
1.0
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
2.27W
θJA = 44°C/W
QFN16
125
85
1.22W
870mW
θJA = 115°C/W
MSOP8
θJA = 93°C/W
TSSOP14
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.08W
θJA = 82°C/W
SOIC14
1.800W
θJA = 55°C/W
DFN8
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com