Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 10Page - Intersil Corporation EL5420CSZ Datasheet HTML 11Page - Intersil Corporation EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation EL5420CSZ Datasheet HTML 14Page - Intersil Corporation EL5420CSZ Datasheet HTML 15Page - Intersil Corporation EL5420CSZ Datasheet HTML 16Page - Intersil Corporation EL5420CSZ Datasheet HTML 17Page - Intersil Corporation EL5420CSZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
FN7186.6
March 4, 2009
EL5120, EL5220, EL5420
Dual Flat No-Lead Plastic Package (DFN)
//
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M
C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
FOR EVEN TERMINAL/SIDE
TERMINAL TIP
CL
e
L
C
C
L8.2x3
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.20
0.25
0.32
5,8
D
2.00 BSC
-
D2
1.50
1.65
1.75
7,8
E
3.00 BSC
-
E2
1.65
1.80
1.90
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N
8
2
Nd
4
3
Rev. 0 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.25mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com