Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 5Page - Intersil Corporation EL5420CSZ Datasheet HTML 6Page - Intersil Corporation EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation EL5420CSZ Datasheet HTML 10Page - Intersil Corporation EL5420CSZ Datasheet HTML 11Page - Intersil Corporation EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN7186.6
March 4, 2009
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 14. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 15. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 16. CMRR vs FREQUENCY
FIGURE 17. PSRR vs FREQUENCY
FIGURE 18. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
Typical Performance Curves (Continued)
1M
100M
FREQUENCY (Hz)
10M
100k
0
10
-30
20
-20
-10
RL = 10kΩ
AV = 1
VS = ±5V
12pF
50pF
100pF
1000pF
FREQUENCY (Hz)
10k
100k
0
40
80
120
200
1M
160
10M
AV = 1
VS = ±5V
TA = +25°C
FREQUENCY (Hz)
10k
100k
0
2
4
12
1M
6
10M
8
10
VS = ±5V
TA = +25°C
AV = 1
RL = 10kΩ
CL = 12pF
Distortion <1%
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
1k
VS = ±5V
TA = +25°C
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
VS = ±5V
TA = +25°C
1k
PSRR+
PSRR-
100
100k
100M
10
100
FREQUENCY (Hz)
1
10M
1k
10k
1M
600
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com