Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 19 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 19 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation EL5420CSZ Datasheet HTML 14Page - Intersil Corporation EL5420CSZ Datasheet HTML 15Page - Intersil Corporation EL5420CSZ Datasheet HTML 16Page - Intersil Corporation EL5420CSZ Datasheet HTML 17Page - Intersil Corporation EL5420CSZ Datasheet HTML 18Page - Intersil Corporation EL5420CSZ Datasheet HTML 19Page - Intersil Corporation EL5420CSZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
FN7186.6
March 4, 2009
EL5120, EL5220, EL5420
TSOT Package Family
e1
N
A
D
E
4
(N/2)
2
1
E1
0.15
D
C
2X
0.25 C
2X N/2 TIPS
e
B
ddd M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
4¬¨¬®Ð
GAUGE
PLANE
A
MDP0049
TSOT PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
TSOT5
TSOT6
TSOT8
A
1.00
1.00
1.00
Max
A1
0.05
0.05
0.05
±0.05
A2
0.87
0.87
0.87
±0.03
b
0.38
0.38
0.29
±0.07
c
0.127
0.127
0.127
+0.07/-0.007
D
2.90
2.90
2.90
Basic
E
2.80
2.80
2.80
Basic
E1
1.60
1.60
1.60
Basic
e
0.95
0.95
0.65
Basic
e1
1.90
1.90
1.95
Basic
L
0.40
0.40
0.40
±0.10
L1
0.60
0.60
0.60
Reference
ddd
0.20
0.20
0.13
-
N
5
6
8
Reference
Rev. B 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are
not included.
2. Plastic interlead protrusions of 0.15mm maximum per side are
not included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(TSOT6 AND TSOT8 only).
6. TSOT5 version has no center lead (shown as a dashed line).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com